Part Number Hot Search : 
2SD128 BAS19 1N4007 N4210 4ALVCH16 CY37192 NMR118C 2DF5VSA
Product Description
Full Text Search
 

To Download DTA113ZKAT146 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dta113z series pnp -100ma -50v digital transistors (bias resistor built-in transistors) datasheet l l outline parameter value emt3 umt3 v cc -50 v i c(max.) -100 ma r 1 1 k dta113ze dta113zua r 2 10 k sot-416(sc-75a) sot-323(sc-70) smt3 l l features 1) built-in biasing resistors 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary npn types: dtc113zua/ dtc113zka 6) lead free/rohs compliant. dta113zka sot-346(sc-59) l l inner circuit l l application switching circuit, inverter circuit, interface circuit, driver circuit l l packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dta113ze emt3 1616 tl 180 8 3000 e11 dta113zua umt3 2021 t106 180 8 3000 111 dta113zka smt3 2928 t146 180 8 3000 e11 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 1/7 20121023 - rev. 001
dta113z series datasheet   absolute maximum ratings (t a = 25c) parameter symbol values unit supply voltage v cc -50 v input voltage v in -10 to 5 v output current i o -100 ma collector current i c(max) *1 -100 ma power dissipation dta113ze p d *2 150 mw dta113zua 200 dta113zka 200 junction temperature t j 150 range of storage temperature t stg -55 to + 150   electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. input voltage v i(off) v cc = -5 v, i o = -100 a - - -0.3 v v i(on) v o = -0.3 v, i o = -20 ma -3 - - output voltage v o(on) i o / i i = -10 ma / -0.5 ma - -0.1 -0.3 v input current i i v i = -5 v - - -7.2 ma output current i o(off) v cc = -50 v, v i = 0 v - - -0.5 a dc current gain g i v o = -5 v, i o = -5 ma 33 - - - input resistance r 1 - 0.7 1 1.3 k resistance ratio r 2 /r 1 - 8 10 12 - transition frequency f t *1 v ce = -10 v, i e = 5 ma, f = 100 mhz - 250 - mhz *1 characteristics of built-in transistor *2 each terminal mounted on a reference footprint www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 2/7 20121023 - rev. 001
dta113z series          datasheet   electrical characteristic curves (t a =25c) fig.1 input voltage vs. output current (on characteristics) fig.2 output current vs. input voltage (off characteristics) fig.3 output current vs. output voltage fig.4 dc current gain vs. output current                                               www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 3/7 20121023 - rev. 001
 
          datasheet   
 

 
  (t a =25c) fig.5 output voltage vs. output current                                               www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 4/7    
dta113z series               datasheet   dimensions                                               www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 5/7 20121023 - rev. 001
 
          datasheet                                                     www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 6/7    
 
          datasheet                                                     www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 7/7    


▲Up To Search▲   

 
Price & Availability of DTA113ZKAT146

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X